PART |
Description |
Maker |
DS1863 DS1863ETR |
Burst-Mode PON Controller With Integrated Monitoring
|
Maxim Integrated Products
|
DS1863E DS1863ER DS1863ET DS1863 DS26522 DS26522G |
Dual T1/E1/J1 Transceiver Burst-Mode PON Controller With Integrated Monitoring
|
MAXIM[Maxim Integrated Products]
|
NU-33B54B-R-A NU-33B54B-P-A NU-33B54B-P NU-33B54B- |
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
|
Optoway Technology Inc
|
LT-74D73D-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
|
Optoway Technology Inc
|
NU-73H74H-RG NU-73H74H-PG |
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver 3.3.25 Gbps310纳米突发模式德克萨斯 1.25 Gbps490纳米连续收发2X5 SFF封装,GE - PON的个1000BASE - PX20 - ü的ONU收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
IDT71T75602S133BG IDT71T75802S200BG IDT71T75802S20 |
512K x 36/ 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 2.5V 512K X 36 ZBT Synchronous 2.5V I/O PipeLine SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K x 36, 1M x 18 2.5V Synchronous ZBT?/a> SRAMs 2.5V I/O, Burst Counter Pipelined Outputs BULK COAXIAL CABLE; RE-SHAPABLE VERSION OF PE-047SR 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 4.2 ns, PQFP100 High-Performance Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.2 ns, PBGA119 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 3 ns, PQFP100 Current-Mode PWM Controller 14-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current-Mode PWM Controller 8-PDIP -40 to 85 1M X 18 ZBT SRAM, 3.5 ns, PQFP100 Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 5 ns, PQFP100
|
IDT Integrated Device Technology, Inc. SRAM
|
PCD5042 PCD5042H PCD5042HZ |
DECT burst mode controller
|
PHILIPS[Philips Semiconductors]
|
DS1886 DS1886T DS1886TT |
SFP and PON ONU Controller with Digital LDD Interface
|
Maxim Integrated Products
|
HY51V17805 HY51V17805BRC-60 HY51V17805BTC-60 HY51V |
2M*8-bit CMOS DRAM with Burst EDO x8 Burst EDO Page Mode DRAM
|
广州运达电子科技有限公司
|
AM29BDS643GT5KVAI AM29BDS643GT7KVAI AM29BDS643GT5G |
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA44 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 64兆位个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
S29NS-J S29NS032J0PBAW003 S29NS064J0PBAW00 S29NS06 |
110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories 110纳米CMOS 1.8伏只有同时读/写,突发模式闪存 110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories 2M X 16 FLASH 1.8V PROM, 65 ns, PBGA44
|
Spansion Inc. Spansion, Inc.
|